Part Number Hot Search : 
TK4P60DB 304B24 HCF40161 LP295 LM393A UPA834TF RT8025 05M05
Product Description
Full Text Search
 

To Download DF005M-DF10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005M - DF10M
Discrete POWER & Signal Technologies
DF005M - DF10M
0.335 (8.509) 0.320 (8.128)
Features * * *
Surge overload rating: 50 amperes peak. Glass passivated junction. Low leakage.
0.022 (0.559) 0.018 (0.457) 0.075 (1.905) 0.055 (1.397) 0.255 (6.477) 0.245 (6.223)
+
0.350 (8.890) 0.300 (7.620) 0.315 (8.001) 0.285 (7.239) LOW PROFILE ALSO AVAILABLE
0.205 (5.207) 0.195 (4.953)
BODY - - 0.102 (2.591)* 0.095 (2.413)* LEAD - - 0.080 (2.032)** 0.050 (1.270)**
0.130 (3.302)* 0.120 (3.408)* 0.185 (4.699)** 0.150 (3.810)**
DIP
0.045 (1.143) 0.035 (0.889)
1.5 Ampere Bridge Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge) PD RJA Tstg TJ
TA = 25C unless otherwise noted
Parameter
Average Rectified Current @ TA = 40C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient,** per leg Storage Temperature Range Operating Junction Temperature
Value
1.5
Units
A
50 3.1 25 40 -55 to +150 -55 to +150
A W mW/C C/W C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on PCB with 0.5 x 0.5" (13 x 13 mm).
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted
Device
005M 01M 100 70 100 02M 200 140 200 04M 400 280 400 5.0 500 1.1 10 25 06M 600 420 600 08M 800 560 800 10M 1000 700 1000 50 35 50
Units
V V V A A V 2 A Sec pF
Peak Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Leakage, total bridge @ rated VR TA = 25C TA = 125C Maximum Forward Voltage Drop, per bridge @ 1.0 A 2 I t rating for fusing t < 8.35 ms Typical Junction Capacitance, per leg VR = 4.0 V, f = 1.0 MHz
a 1998 Fairchild Semiconductor Corporation
DF005M - DF10M
Bridge Rectifiers
(continued)
Typical Characteristics
Non-Repetitive Surge Current
50 FORWARD SURGE CURRENT (A) FORWARD CURRENT (A) 1.5
Output Rectified Current
40
1
30
20
0.5
10
0
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
0 20
40
60 80 100 120 140 AMBIENT TEMPERATURE ( C)
160
Forward Characteristics
10 REVERSE CURRENT ( A) FORWARD CURRENT (A) 10
Reverse Characteristics
T A = 100 C
1
1
0.1
TA = 25 C Pulse Width = 200s
0.1
TA = 25 C
0.01 0.4
0.6
0.8 1 1.2 FORWARD VOLTAGE (V)
1.4
0.01
0
20 40 60 80 100 120 NORMALIZED REVERSE VOLTAGE (%)
140


▲Up To Search▲   

 
Price & Availability of DF005M-DF10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X